Part Number Hot Search : 
TS7515IP 81XS43D5 SP846 55M45 BNR14R21 2151K 00ETTS GS9065A
Product Description
Full Text Search
 

To Download CMXSTB200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CMXSTB200 CMXSTB300 CMXSTB400 SURFACE MOUNT SILICON FORWARD REFERENCE DIODE (STABISTOR)
w w w. c e n t r a l s e m i . c o m
DESCRIPTION: The CENTRAL SEMICONDUCTOR CMXSTB200 Series types are multi-chip silicon diodes mounted in a surface mount SOT-26 case and designed for applications requiring controlled forward voltage characteristics such as voltage regulation, sensing, and comparing. This series is a surface mount alternative to the 1N4156, 1N4157, and 1N5179 leaded devices, respectively. Special selections of DC parameters including VF at various test conditions are available on special order. MARKING CODES: CMXSTB200: CST2 CMXSTB300: CST3 CMXSTB400: CST4
SOT-26 CASE
MAXIMUM RATINGS: (TA=25C) Power Dissipation Operating and Storage Junction Temperature
SYMBOL PD TJ, Tstg 350 -65 to +150
UNITS mW C
ELECTRICAL CHARACTERISTICS PER DEVICE - TESTED BETWEEN PIN 1 AND PIN3: (TA=25C) CMXSTB200 SYMBOL IR VF VF VF TEST CONDITIONS VR=20V IF=1.0mA IF=10mA IF=100mA 1.11 1.38 1.64 MIN MAX 10 1.31 1.58 1.94 1.71 2.08 2.61 CMXSTB300 MIN MAX 10 1.91 2.28 2.91 2.20 2.60 3.40 CMXSTB400 MIN MAX 10 2.80 3.20 4.10 UNITS A V V V
R1 (12-February 2010)
CMXSTB200 CMXSTB300 CMXSTB400 SURFACE MOUNT SILICON FORWARD REFERENCE DIODE (STABISTOR) SOT-26 CASE - MECHANICAL OUTLINE
PIN CONFIGURATIONS
CMXSTB200 LEAD CODE: 1) Anode D1 2) Cathode D1, Anode D2 3) Cathode D2 4) No Connection 5) No Connection 6) No Connection MARKING CODE: CST2
CMXSTB300 LEAD CODE: 1) Anode D1 2) Cathode D2, Anode D3 3) Cathode D3 4) No Connection 5) Anode D2, Cathode D1 6) No Connection MARKING CODE: CST3
CMXSTB400 LEAD CODE: 1) Anode D1 2) Cathode D3, Anode D4 3) Cathode D4 4) No Connection 5) Anode D3, Cathode D2 6) Cathode D1, Anode D2 MARKING CODE: CST4
SUGGESTED MOUNTING PADS (Dimensions in mm)
CMXSTB200
CMXSTB300
CMXSTB400
R1 (12-February 2010)
w w w. c e n t r a l s e m i . c o m


▲Up To Search▲   

 
Price & Availability of CMXSTB200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X